Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509-ASZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5509-ASZ
Description  Single-supply, 16-bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509-ASZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS5509-ASZ Datasheet HTML 1Page - Cirrus Logic CS5509-ASZ Datasheet HTML 2Page - Cirrus Logic CS5509-ASZ Datasheet HTML 3Page - Cirrus Logic CS5509-ASZ Datasheet HTML 4Page - Cirrus Logic CS5509-ASZ Datasheet HTML 5Page - Cirrus Logic CS5509-ASZ Datasheet HTML 6Page - Cirrus Logic CS5509-ASZ Datasheet HTML 7Page - Cirrus Logic CS5509-ASZ Datasheet HTML 8Page - Cirrus Logic CS5509-ASZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
CS5509
Single-supply, 16-bit A/D Converter
Features
Delta-sigma A/D Converter
-
16-bit, No Missing Codes
-
Linearity Error: ±0.0015%FS
Differential Input
-
Pin-selectable Unipolar/Bipolar Ranges
-
Common Mode Rejection
105 dB @ dc
120 dB @ 50, 60 Hz
Either 5V or 3.3V Digital Interface
On-chip Self-calibration Circuitry
Output Update Rates up to 200/second
Ultra Low Power: 1.7 mW
Description
The CS5509 is a single-supply, 16-bit, serial-output
CMOS A/D converter. The CS5509 uses charge-bal-
anced (delta-sigma) techniques to provide low-cost,
high-resolution measurements at output word rates up to
200 samples per second.
The on-chip digital filter offers superior line rejection at
50Hz and 60Hz when the device is operated from a
32.768 kHz clock (output word rate = 20 Sps).
The CS5509 has on-chip self-calibration circuitry which
can be initiated at any time or temperature to ensure
minimum offset and full-scale errors.
Low power, high resolution, and small package size
make the CS5509 an ideal solution for loop-powered
transmitters, panel meters, weigh scales, and battery
powered instruments.
ORDERING INFORMATION
CS5509-ASZ -40 °C to +85 °C
16-pin SOIC Lead Free
I
Differential
4th order
delta-sigma
modulator
VD+
13
VA+
VREF+
9
VREF-
10
AIN-
8
AIN+
7
Calibration
SRAM
Serial
Interface
Logic
Digital
Filter
XIN
4
XOUT
5
CONV
2
Calibration µC
OSC
CAL
3
6
BP/UP
CS
1
DRDY
16
SDATA
15
SCLK
14
11
GND
12
SEP ‘09
DS125F3


Similar Part No. - CS5509-ASZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5509-ASZ CIRRUS-CS5509-ASZ Datasheet
375Kb / 23P
SINGLE SUPPLY 16BIT A/D CONVERTER
More results

Similar Description - CS5509-ASZ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
AD7701 AD-AD7701 Datasheet
312Kb / 16P
LC2MOS 16-Bit A/D Converter
REV.D
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
List of Unclassifed Man...
MB87020 ETC-MB87020 Datasheet
996Kb / 31P
16-Bit A/D And D/A CONVERTER
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
100kHz 16-Bit, A/D CONVERTER
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
LC2MOS 16-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com