Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509-ASZ Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5509-ASZ
Description  Single-supply, 16-bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509-ASZ Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5509-ASZ Datasheet HTML 15Page - Cirrus Logic CS5509-ASZ Datasheet HTML 16Page - Cirrus Logic CS5509-ASZ Datasheet HTML 17Page - Cirrus Logic CS5509-ASZ Datasheet HTML 18Page - Cirrus Logic CS5509-ASZ Datasheet HTML 19Page - Cirrus Logic CS5509-ASZ Datasheet HTML 20Page - Cirrus Logic CS5509-ASZ Datasheet HTML 21Page - Cirrus Logic CS5509-ASZ Datasheet HTML 22Page - Cirrus Logic CS5509-ASZ Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CS5509
DS125F3
19
PIN DESCRIPTIONS*
* Pinout applies to both PDIP and SOIC
Clock Generator
XIN; XOUT - Crystal In; Crystal Out, Pins 4, 5.
A gate inside the chip is connected to these pins and can be used with a crystal to provide the
master clock for the device. Alternatively, an external (CMOS compatible) clock can be
supplied into the XIN pin to provide the master clock for the device. Loss of clock will put the
device into a lower powered state (approximately 70% power reduction).
Serial Output I/O
CS - Chip Select, Pin 1.
This input allows an external device to access the serial port.
DRDY - Data Ready, Pin 16.
Data Ready goes low at the end of a digital filter convolution cycle to indicate that a new
output word has been placed into the serial port. DRDY will return high after all data bits are
shifted out of the serial port or two master clock cycles before new data becomes available if
the CS pin is inactive (high).
SDATA - Serial Data Output, Pin 15.
SDATA is the output pin of the serial output port. Data from this pin will be output at a rate
determined by SCLK. Data is output MSB first and advances to the next data bit on the falling
edges of SCLK. SDATA will be in a high impedance state when not transmitting data.
SCLK - Serial Clock Input, Pin 14.
A clock signal on this pin determines the output rate of the data from the SDATA pin. This pin
must not be allowed to float.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DRDY
SDATA
SCLK
VD+
GND
VA+
VREF-
VREF+
AIN-
AIN+
BP/UP
XOUT
XIN
CAL
CONV
CS
DIFFERENTIAL ANALOG INPUT
DIFFERENTIAL ANALOG INPUT
BIPOLAR / UNIPOLAR
CRYSTAL OUT
CRYSTAL IN
CALIBRATE
CONVERT
CHIP SELECT
DATA READY
SERIAL DATA OUTPUT
SERIAL CLOCK INPUT
POSITIVE DIGITAL POWER
GROUND
POSITIVE ANALOG POWER
VOLTAGE REFERENCE INPUT
VOLTAGE REFERENCE INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com