Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89E53AF Datasheet(PDF) 11 Page - Megawin Technology Co., Ltd

Part # MPC89E53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89E53AF Datasheet(HTML) 11 Page - Megawin Technology Co., Ltd

Back Button MPC89E53AF Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 15Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
NVM register: OR1 (Option Register 1):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
FZWDTCR
OSCDN
HWBS
EN6T
FZWDTCR: Used to freeze the WDT-controlling register.
0:= Configure the SFR WDTCR to be reset only via power-up action, not by software reset
nor reset from the Watch Dog Timer.
1:= (default) Permit all the reset events from power-up, software and the Watch Dog Timer
could reset the SFR WDTCR.
OSCDN: Used to adjust the behavior of crystal oscillator.
0:= The DC gained of crystal oscillator amplifier is doubled but bandwidth is reduced. It will bring
help to EMI reducing and improve the power consumption. Dealing with application does
not need high frequency clock (under 20MHz), and It is recommended to do so.
1:= The gained of crystal oscillator is enough for oscillator to start oscillating up to 48 MHz.
HWBS: Used to configure the MPC89x53A boot from ISP program or normal application program after
the power-on sequence.
0:= The MPC89x53A will boot from ISP start address after power-on.
1:= No operation. The MPC89x53A will boot from normal application program.
EN6T: Used to configure the MPC89x53A run in 6T 12T mode or 6T mode.
0:= The MPC89x53A will run in 6T mode
1:= The MPC89x53A will run in 12T mode
The default value of the OR1 is FFh.
RAM
There are 512 bytes RAM built in MPC89x53A.
The user can visit the leading 128-byte RAM via direct addressing instructions, we have
named those RAM as direct RAM that occupies address space 00h to 7Fh.
Followed 128-byte RAM can be visited via indirect addressing instructions, we have named
those RAM as indirect RAM that occupied address space 80h to FFh.
The other 256-byte RAM is named expanded RAM that still occupied address space 00h to
FFh. An user can access it via general register Ri, or via data pointers DPTR associated with
MOVX instructions, say MOVX
A, @R1
or MOVX
A, @DPTR
. To reserve the natural
characteristic of instruction MOVX which is designed to access external memory, the user can
set the bit ERAM in SFR AUXR as 1, and by doing so is to hide the expanded RAM and to visit
the external memory.
MEGAWIN
MPC89x53A Data Sheet
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com