Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89E53AF Datasheet(PDF) 16 Page - Megawin Technology Co., Ltd

Part # MPC89E53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89E53AF Datasheet(HTML) 16 Page - Megawin Technology Co., Ltd

Back Button MPC89E53AF Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 20Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
0
1
OSC/12
T0 or T1 pin
(Sampled)
0
1
TLx [7:0]
TFx
Interrupt
Mode 2
Mode 3
Timer1 in Mode3 simply holds its count, the effect is the same as setting TR1 = 1. Timer0 in
Mode 3 enables TL0 and TH0 as two separate 8-bit counters. TL0 uses the Timer0 control bits
such like C/T, GATE, TR0, INT0 and TF0. TH0 is locked into a timer function (can not be
external event counter) and take over the use of TR1, TF1 from Timer1. TH0 now controls the
Timer1 interrupt.
Mode 3
TIMER2
Timer2 is a 16-bit timer/counter which can operate as either an event timer or an event
counter as selected by C//T2 in the special function register T2CON. Timer2 has four
operation modes: Capture Mode (CP), Auto-Reload Up/Down Mode (ARUD), Auto-Reload
Up-Only mode (ARUO) and Baud-Rate Generator Mode (BRG).
LogicalOR
(RCLK, TCLK)
CP/RL2
TR2
DCEN
Mode
x
x
0
x
OFF
1
x
1
0
Baud-Rate Generation
0
1
1
0
Capture
0
0
1
0
Auto-Reload Up-only
0
0
1
1
Auto-Reload Up/Down
Timer2 Mode Table
0
1
OSC/12
Sampled T0 pin
0
1
GATE
/INT0
TR0
TL0 [7:0]
TF0
Interrupt
XTAL2
0
1
TH0 [7:0]
TF1
Interrupt
TR1
C//T
GATE
/INTx
TRx
C//T
Reload
THx [7:0]
16
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com