Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89E53AF Datasheet(PDF) 28 Page - Megawin Technology Co., Ltd

Part # MPC89E53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89E53AF Datasheet(HTML) 28 Page - Megawin Technology Co., Ltd

Back Button MPC89E53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 32Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Furthermore, it is a quite complex timing procedure to erase/program flash. Fortunately, the
MPC89x53A carried with convenient mechanism to help the user read/change the flash
content. Just filling the target address and data into several SFR, and triggering the built-in ISP
automation, the user can easily erase, read, and program the embedded flash and option
registers OR1.
There are several SFR designed to help the user implement the ISP functionality.
SFR: IFD (ISP Flash Data register):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
(Data to be written into flash, or data got from flash)
IFD is the data port register for ISP operation. The data in IFD will be written into the desired address in
operating ISP write and it is the data window of readout in operating ISP read.
SFR: IFADRH (ISP Flash Address High):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
(High byte of the address pointing to flash memory)
IFADRH is the high-byte address port for all ISP modes.
SFR: IFADRL (ISP Flash Address Low):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
(Low byte of the address pointing to flash memory)
IFADRL is the low-byte address port for all ISP modes.
SFR: IFMT (ISP Flash Mode Table):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
reserved
Mode Selection
Mode Selection
To Operate
0
0
0
Standby
0
0
1
AP-memory read
0
1
0
AP-memory/Data-flash program
0
1
1
AP-memory/Data-flash page erase
1
1
1
OR1 memory erase (IFADRL[0]=1).
1
0
1
OR1 memory read ( IFADRL[0] =1)
1
1
0
OR1 memory program ( IFADRL[0] = 1)
Note: OR0 cannot be changed by ISP operation. It can be accessed only by Writer. Only OR1 can be
changed by ISP program.
28
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com