Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89E53AF Datasheet(PDF) 14 Page - Megawin Technology Co., Ltd

Part # MPC89E53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89E53AF Datasheet(HTML) 14 Page - Megawin Technology Co., Ltd

Back Button MPC89E53AF Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 18Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
SFR: TCON
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TF1: =Timer1 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware when the
processor vectors to the interrupt routine, or clearing the bit in software.
TR1: =Timer1 run control bit. Set/Cleared by software.
TF0: =Timer0 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware when the
processor vectors to the interrupt routine, or clearing the bit in software.
TR0: =Timer1 run control bit. Set/Cleared by software.
IE1: =Interrupt 1 Edge flag. Set by hardware when external interrupt edge detected. Cleared when
interrupt processed.
IT1: =Interrupt 1 type control bit. Set/Cleared by software to specified falling edge/low level triggered
interrupt.
IE0: =Interrupt 0 Edge flag. Set by hardware when external interrupt edge detected. Cleared when
interrupt processed.
IT0: =Interrupt 0 type control bit. Set/Cleared by software to specified falling edge/low level triggered
interrupt.
SFR: T2MOD
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
T2OE
DCEN
T2OE: Timer 2 Output Enable bit. It enables Timer2 overflow rate to toggle P1.0.
DCEN: Down Count Enable bit. When set, this allows Timer2 to be configured as a down counter.
SFR: T2CON
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C//T2
CP/RL2
TF2: Timer2 overflow flag. It will be set by a Timer2 overflow and must be cleared by software.
TF2 will not be set when either TCLK or RCLK =1.
EXF2: Timer2 external flag. It will be set when either a capture or reload is caused by a negative transition
on pin T2EX and EXEN2=1. When Timer2 interrupt is enabled, EXF2=1 will cause the CPU to
vector to the timer2 interrupt routine. EXF2 must be cleared by software. EXF2 does not cause an
interrupt in Auto-Reload Up-Down mode (ARUD).
RCLK: When set causes the serial port to use Timer2 overflow pulse for its receive clock in mode and
mode 3. RCLK=0 causes Timer1 overflow pulse to be used.
TCLK: When set causes the serial port to use Timer2 overflow pulse for its transmit clock in mode 1 and
mode 3. RCLK=0 causes Timer1 overflow pulse to be used.
EXEN2: Timer-2 external enable flag. When set, allows a capture or reload to occur. As a result of a
negative transition on T2EX if Timer2 is not being used to clock the serial port.
EXEN2=0 causes Timer2 to ignore events at T2EX.
TR2: Start/Stop control for Timer2.
14
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com