Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89E53AF Datasheet(PDF) 15 Page - Megawin Technology Co., Ltd

Part # MPC89E53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89E53AF Datasheet(HTML) 15 Page - Megawin Technology Co., Ltd

Back Button MPC89E53AF Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC89E53AF Datasheet HTML 19Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
C/T2: Timer or counter select. 0 is for timer and 1 is for external event counter.
CP/RL2: Capture/Reload flag. When set, captures will occurs on a negative transition at T2EX if
EXEN2=1. When cleared, auto-reloads will occur either with Timer2 overflows or a negative
transition at T2EX when EXEN2=1. When whether TCLK or RCLK is 1, this bit is ignored and
the timer is forced to auto-reload on Timer2 overflow.
TIMER0 (T0) AND TIMER1 (T1)
Mode 0
The timer register is configured as a 13-bit register. As when the count rolls over from all 1s to
all 0s, it sets the timer interrupt flag TFx. The counted input is enabled to the timer when TRx =
1 and either GATE=0 or INTx = 1. Mode 0 operation is the same for Timer0 and Timer1.
Mode 0
0
1
OSC/12
T0 or T1 pin
(sampled)
0
1
GATE
/INTx
TRx
TLx[4:0] THx[7:0]
TFx
Interrupt
C//T
Mode 1
Mode1 is the same as Mode0, except that the timer register is being run with all 16 bits.
Mode 1
0
1
OSC/12
T0 or T1 pin
(sampled)
0
1
GATE
/INTx
TRx
TLx[7:0] THx[7:0]
TFx
Interrupt
C//T
Mode 2
Mode 2 configures the timer register as an 8-bit counter (TLx) with automatic reload. Overflow
from TLx does not only set TFx, but also reloads TLx with the content of THx, which is
determined by user’s program. The reload leaves THx unchanged. Mode 2 operation is the
same for Timer0 and Timer1.
MEGAWIN
MPC89x53A Data Sheet
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com