Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 102Page - STMicroelectronics ST7263BEx Datasheet HTML 103Page - STMicroelectronics ST7263BEx Datasheet HTML 104Page - STMicroelectronics ST7263BEx Datasheet HTML 105Page - STMicroelectronics ST7263BEx Datasheet HTML 106Page - STMicroelectronics ST7263BEx Datasheet HTML 107Page - STMicroelectronics ST7263BEx Datasheet HTML 108Page - STMicroelectronics ST7263BEx Datasheet HTML 109Page - STMicroelectronics ST7263BEx Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 186 page
background image
On-chip peripherals
ST7263Bxx
106/186
Doc ID 7516 Rev 8
Endpoint 0 register B (EP0RB)
This register is used for controlling data reception on Endpoint 0. It is also reset by the USB
bus reset.
Reset value: 1000 0000 (80h)
11.4.5
Programming considerations
The interaction between the USB interface and the application program is described below.
Apart from system reset, action is always initiated by the USB interface, driven by one of the
USB events associated with the Interrupt Status register (ISTR) bits.
Initializing the registers
At system reset, the software must initialize all registers to enable the USB interface to
properly generate interrupts and DMA requests.
1.
Initialize the DMAR, IDR, and IMR registers (choice of enabled interrupts, address of
DMA buffers). Refer the paragraph titled initializing the DMA Buffers.
2.
Initialize the EP0RA and EP0RB registers to enable accesses to address 0 and
endpoint 0 to support USB enumeration. Refer to the paragraph titled Endpoint
Initialization.
3.
When addresses are received through this channel, update the content of the DADDR.
4.
If needed, write the endpoint numbers in the EA fields in the EP1RB and EP2RB
register.
Initializing DMA buffers
The DMA buffers are a contiguous zone of memory whose maximum size is 48 bytes. They
can be placed anywhere in the memory space to enable the reception of messages. The 10
most significant bits of the start of this memory area are specified by bits DA15-DA6 in
registers DMAR and IDR, the remaining bits are 0. The memory map is shown in Figure 45.
Each buffer is filled starting from the bottom (last 3 address bits=000) up.
Endpoint Initialization
To be ready to receive, set STAT_RX to VALID (11b) in EP0RB to enable reception.
To be ready to transmit:
1.
Write the data in the DMA transmit buffer.
2.
In register EPnRA, specify the number of bytes to be transmitted in the TBC field
3.
Enable the endpoint by setting the STAT_TX bits to VALID (11b) in EPnRA.
7
0
1
DTOG
RX
STAT
RX1
STAT
RX0
00
0
0
Read.write
7 Forced by hardware to 1.
[6:4] Refer to the EPnRB register for a description of these bits.
[3:0] Forced by hardware to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com