Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 103Page - STMicroelectronics ST7263BEx Datasheet HTML 104Page - STMicroelectronics ST7263BEx Datasheet HTML 105Page - STMicroelectronics ST7263BEx Datasheet HTML 106Page - STMicroelectronics ST7263BEx Datasheet HTML 107Page - STMicroelectronics ST7263BEx Datasheet HTML 108Page - STMicroelectronics ST7263BEx Datasheet HTML 109Page - STMicroelectronics ST7263BEx Datasheet HTML 110Page - STMicroelectronics ST7263BEx Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
107/186
Note:
Once transmission and/or reception are enabled, registers EPnRA and/or EPnRB
(respectively) must not be modified by software, as the hardware can change their value on
the fly.
When the operation is completed, they can be accessed again to enable a new operation.
Interrupt handling
Start of Frame (SOF)
The interrupt service routine may monitor the SOF events for a 1 ms synchronization event
to the USB bus. This interrupt is generated at the end of a resume sequence and can also
be used to detect this event.
USB Reset (RESET)
When this event occurs, the DADDR register is reset, and communication is disabled in all
endpoint registers (the USB interface will not respond to any packet). Software is
responsible for reenabling endpoint 0 within 10 ms of the end of reset. To do this, set the
STAT_RX bits in the EP0RB register to VALID.
Suspend (SUSP)
The CPU is warned about the lack of bus activity for more than 3 ms, which is a suspend
request. The software should set the USB interface to suspend mode and execute an ST7
HALT instruction to meet the USB-specified power constraints.
End Suspend (ESUSP)
The CPU is alerted by activity on the USB, which causes an ESUSP interrupt. The ST7
automatically terminates Halt mode.
Correct Transfer (CTR)
1.
When this event occurs, the hardware automatically sets the STAT_TX or STAT_RX to
NAK. Every valid endpoint is NAKed until software clears the CTR bit in the ISTR
register, independently of the endpoint number addressed by the transfer which
generated the CTR interrupt. If the event triggering the CTR interrupt is a SETUP
transaction, both STAT_TX and STAT_RX are set to NAK.
2.
Read the PIDR to obtain the token and the IDR to get the endpoint number related to
the last transfer. When a CTR interrupt occurs, the TP3-TP2 bits in the PIDR register
and EP1-EP0 bits in the IDR register stay unchanged until the CTR bit in the ISTR
register is cleared.
3.
Clear the CTR bit in the ISTR register.
Table 36.
USB register map and reset values
Address
(Hex.)
Register
Name
76
5
4
3
2
1
0
25
PIDR
Reset
value
TP3
x
TP2
x
0
0
0
0
0
0
RX_SEZ
0
RXD
0
0
0
26
DMAR
Reset
value
DA15
x
DA14
x
DA13
x
DA12
x
DA11
x
DA10
x
DA9
x
DA8
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com