Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-489SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-489SMB
Description  GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-489SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-489SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-489SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-489SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP3T 2.5 V High Power Switch
DC - 2.5 GHz
Rev. V2
SW-489
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Voltage Operation: 2.5 V
• Low Harmonics: -74 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.5 dB at 1 GHz
• High Isolation: 18.5 dB at 2 GHz
• 3 mm 12-Lead PQFN Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s SW-489 is a GaAs PHEMT MMIC single
pole three throw (SP3T) high power switch in a low
cost 3 mm 12-lead PQFN package. The SW-489 is
ideally suited for applications where high power, low
control voltage, low insertion loss, high isolation,
small size and low cost are required.
Typical applications are for GSM and DCS handset
systems that connect separate transmit and receive
functions to a common antenna, as well as other
handset and related applications. The SW-489 can
be used in all systems operating up to 2.5 GHz
requiring high power at low control voltage.
The SW-489 is fabricated using a 0.5 micron gate
length GaAs PHEMT process. The process features
full passivation for performance and reliability.
Functional Schematic
RF3
RF1
V1
GND
GND
V3
100 pF
100 pF
PIN 1
PIN 12
Pin No.
Pin Name
Description
1
V3
Control 3
2
RF3
RF Port 3
3
GND
RF Ground
4
GND
RF Ground
5
RF2
RF Port 2
6
V2
Control 2
7
GND
RF Ground
8
RF1
RF Port 1
9
V1
Control 1
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle)
4
RF Ground
Pin Configuration
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Ordering Information
1
Part Number
Package
SW-489
Bulk Packaging
SW-489TR
1000 piece reel
SW-489SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Parameter
Absolute Maximum
Input Power
(0.5 - 2.5 GHz, 2.5 V Control)
+38 dBm
Operating Voltage
+8.5 V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - SW-489SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-489SMB MACOM-SW-489SMB Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
More results

Similar Description - SW-489SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com