Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 99Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 100Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 101Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 102Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 103Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
Doc ID 14611 Rev 7
103/123
5.3.19
DAC electrical specifications
Table 62.
DAC characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Comments
VDDA
Analog supply voltage
2.4
3.6
V
VREF+
Reference supply voltage
2.4
3.6
V
VREF+ must always be below VDDA
VSSA
Ground
0
0
V
RLOAD
(1)
Resistive load with buffer ON 5
k
RO
(1)
Impedance output with buffer
OFF
15
k
When the buffer is OFF, the Minimum
resistive load between DAC_OUT
and VSS to have a 1% accuracy is
1.5 M
CLOAD
(1)
Capacitive load
50
pF
Maximum capacitive load at
DAC_OUT pin (when the buffer is
ON).
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer ON
0.2
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input code
(0x0E0) to (0xF1C) at VREF+ = 3.6 V
and (0x155) and (0xEAB) at VREF+ =
2.4 V
DAC_OUT
max(1)
Higher DAC_OUT voltage
with buffer ON
VDDA – 0.2
V
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer OFF
0.5
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(1)
Higher DAC_OUT voltage
with buffer OFF
VREF+ – 1LSB V
IDDVREF+
DAC DC current
consumption in quiescent
mode (Standby mode)
220
µA
With no load, worst code (0xF1C) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
IDDA
DAC DC current
consumption in quiescent
mode (Standby mode)
380
µA
With no load, middle code (0x800) on
the inputs
480
µA
With no load, worst code (0xF1C) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
DNL(2)
Differential non linearity
Difference between two
consecutive code-1LSB)
±0.5
LSB
Given for the DAC in 10-bit
configuration
±2
LSB
Given for the DAC in 12-bit
configuration
INL(2)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 1023)
±1
LSB
Given for the DAC in 10-bit
configuration
±4
LSB
Given for the DAC in 12-bit
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com