Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 101Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 102Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 103Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
Doc ID 14611 Rev 7
105/123
5.3.20
Temperature sensor characteristics
Table 63.
TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL
(1)
1.
Guaranteed by characterization, not tested in production.
VSENSE linearity with temperature
1
2°C
Avg_Slope(1)
Average slope
4.0
4.3
4.6
mV/°C
V25
(1)
Voltage at 25 °C
1.34
1.43
1.52
V
tSTART
(2)
2.
Guaranteed by design, not tested in production.
Startup time
4
10
µs
TS_temp
(3)(2)
3.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the
temperature
17.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com