Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 109Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 110Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 111Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 123 page
background image
Package characteristics
STM32F103xC, STM32F103xD, STM32F103xE
108/123
Doc ID 14611 Rev 7
Figure 60.
LFBGA100 - 10 x 10 mm low profile fine pitch ball grid array package
outline
1.
Drawing is not to scale.
Table 65.
LFBGA100 - 10 x 10 mm low profile fine pitch ball grid array package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.700
0.0669
A1
0.270
0.0106
A2
1.085
0.0427
A3
0.30
0.0118
A4
0.80
0.0315
b
0.45
0.50
0.55
0.0177
0.0197
0.0217
D
9.85
10.00
10.15
0.3878
0.3937
0.3996
D1
7.20
0.2835
E
9.85
10.00
10.15
0.3878
0.3937
0.3996
E1
7.20
0.2835
e
0.80
0.0315
F
1.40
0.0551
ddd
0.12
0.0047
eee
0.15
0.0059
fff
0.08
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com