Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 100Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 101Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 102Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 103Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
104/123
Doc ID 14611 Rev 7
Figure 57.
12-bit buffered /non-buffered DAC
1.
The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
Offset(2)
Offset error
(difference between
measured value at Code
(0x800) and the ideal value =
VREF+/2)
±10
mV
Given for the DAC in 12-bit
configuration
±3
LSB
Given for the DAC in 10-bit at VREF+
= 3.6 V
±12
LSB
Given for the DAC in 12-bit at VREF+
= 3.6 V
Gain
error(2)
Gain error
±0.5
%
Given for the DAC in 12bit
configuration
tSETTLING
(2)
Settling time (full scale: for a
10-bit input code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value ±1LSB
34
µs
CLOAD  50 pF, RLOAD  5 k
Update
rate(2)
Max frequency for a correct
DAC_OUT change when
small variation in the input
code (from code i to i+1LSB)
1MS/s CLOAD  50 pF, RLOAD  5 k
tWAKEUP
(2)
Wakeup time from off state
(Setting the ENx bit in the
DAC Control register)
6.5
10
µs
CLOAD  50 pF, RLOAD  5 k
input code between lowest and
highest possible ones.
PSRR+ (1)
Power supply rejection ratio
(to VDDA) (static DC
measurement
–67
–40
dB
No RLOAD, CLOAD = 50 pF
1.
Guaranteed by design, not tested in production.
2.
Guaranteed by characterization, not tested in production.
Table 62.
DAC characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Comments
R LOAD
C LOAD
Buffered/Non-buffered DAC
DACx_OUT
Buffer(1)
12-bit
digital to
analog
converter
ai17157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com