Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 103Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 104Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 105Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 109Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 110Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Package characteristics
Doc ID 14611 Rev 7
107/123
Figure 59.
LFBGA144 – 144-ball low profile fine pitch ball grid array, 10 x 10 mm,
0.8 mm pitch, package outline
1.
Drawing is not to scale.
Table 64.
LFBGA144 – 144-ball low profile fine pitch ball grid array, 10 x 10 mm,
0.8 mm pitch, package data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Typ
Min
Max
A1.70
0.0669
A1
0.21
0.0083
A2
1.07
0.0421
A3
0.27
0.0106
A4
0.85
0.0335
b
0.35
0.40
0.45
0.0138
0.0157
0.0177
D
9.85
10.00
10.15
0.3878
0.3937
0.3996
D1
8.80
0.3465
E
9.85
10.00
10.15
0.3878
0.3937
0.3996
E1
8.80
0.3465
e0.80
0.0315
F0.60
0.0236
ddd
0.10
0.0039
eee
0.15
0.0059
fff
0.08
0.0031
Seating plane
C
A2
A4
A3
C
ddd
A1
A
B
A
D1
e
F
D
F
E1 E
e
M
eee M CA
B
C
fff
(144 balls)
Øb
M
Ø
Ø
X3_ME
Ball A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com