Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 18Page - Microchip Technology MCP2021 Datasheet HTML 19Page - Microchip Technology MCP2021 Datasheet HTML 20Page - Microchip Technology MCP2021 Datasheet HTML 21Page - Microchip Technology MCP2021 Datasheet HTML 22Page - Microchip Technology MCP2021 Datasheet HTML 23Page - Microchip Technology MCP2021 Datasheet HTML 24Page - Microchip Technology MCP2021 Datasheet HTML 25Page - Microchip Technology MCP2021 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MCP2021/2
DS22018E-page 22
© 2009 Microchip Technology Inc.
2.4
Thermal Specifications
Voltage Regulator
Bus Activity Debounce time
tBDB
5
10
20
µs
Bus debounce time
Bus Activity to Voltage
Regulator Enabled
tBACTVE
100
250
500
µs
After Bus debounce time
Voltage Regulator Enabled
to Ready
tVEVR
—
—
1200
µs
(Note 1)
Chip Select to Operation
Ready
tCSOR
——
500
µs
(Note 1)
Chip Select to Power-down
tCSPD
—
—
80
µs
Short circuit to shut-down
tSHUTDOWN
20
—
100
µs
RESET Timing
VREG OK detect to RESET
inactive
tRPU
—
—
10.0
µs
VREG OK detect to RESET
active
tRPD
—
—
10.0
µs
Note 1:
Time depends on external capacitance and load.
THERMAL CHARACTERISTICS
Parameter
Symbol
Typ
Max
Units
Test Conditions
Recovery Temperature
θRECOVERY
+140
—
°C
Shutdown Temperature
θSHUTDOWN
+150
—
°C
Short Circuit Recovery Time
tTHERM
1.5
5.0
ms
Thermal Package Resistances
Thermal Resistance, 8L-DFN
θJA
35.7
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
89.3
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
149.5
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
95.3
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
100
—
°C/W
Note 1:
The maximum power dissipation is a function of TJMAX,
ΘJA and ambient temperature T
A. The maximum
allowable power dissipation at an ambient temperature is PD = (TJMAX - TA)
ΘJA. If this dissipation is
exceeded, the die temperature will rise above 150
°C and the MCP2021 will go into thermal shutdown.
2.3
AC Specification (Continued)
AC CHARACTERISTICS
VBB = 6.0V to 18.0V; TA = -40°C to +125°C
Parameter
Sym
Min.
Typ.
Max.
Units
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com