Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 14Page - Microchip Technology MCP2021 Datasheet HTML 15Page - Microchip Technology MCP2021 Datasheet HTML 16Page - Microchip Technology MCP2021 Datasheet HTML 17Page - Microchip Technology MCP2021 Datasheet HTML 18Page - Microchip Technology MCP2021 Datasheet HTML 19Page - Microchip Technology MCP2021 Datasheet HTML 20Page - Microchip Technology MCP2021 Datasheet HTML 21Page - Microchip Technology MCP2021 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
MCP2021/2
DS22018E-page 18
© 2009 Microchip Technology Inc.
2.2
DC Specification (Continued)
FIGURE 2-1:
MCP2021-500 SAFE OPERATING RANGE
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V
TA = -40°C to +125°C
CLOADREG = 10 µF
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Voltage Regulator - 5.0V
Output Voltage
VOUT
4.85
5.00
5.15
V
0 mA < IOUT < 50 mA,
Load Regulation
ΔVOUT2
—
10
50
mV
5 mA < IOUT < 50 mA
refer to Section 1.6
“Internal Voltage
Regulator”
Quiescent Current
IVRQ
—
—
25
µA
IOUT = 0 mA, (Note 2)
Power Supply Ripple
Reject
PSRR
—
—
50
dB
1 VPP @10-20 kHz
CLOAD = 10 µf,
ILOAD = 50 mA
Output Noise Voltage
eN
—
—
100
µVRMS 10 Hz – 40 MHz
CFILTER = 10 µf,
CBP = 0.1 µf, CLOAD 10 µf,
ILOAD = 50 mA
Shutdown Voltage
VSD
3.5
—
4.0
V
See Figure 1-5
Input Voltage to Maintain
Regulation
VBB
6.0
—
18.0
V
Input Voltage to Turn Off
Output
VOFF
4.0
—
4.5
V
Input Voltage to Turn On
Output
VON
5.5
—
6.0
V
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBB).
2:
For design guidance only, not tested.
3:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.
0
10
20
30
40
50
60
Temperature (°C)
18V DFN
18V SOIC
12V SOIC
12V DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com