Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 38Page - Microchip Technology MCP2021 Datasheet HTML 39Page - Microchip Technology MCP2021 Datasheet HTML 40Page - Microchip Technology MCP2021 Datasheet HTML 41Page - Microchip Technology MCP2021 Datasheet HTML 42Page - Microchip Technology MCP2021 Datasheet HTML 43Page - Microchip Technology MCP2021 Datasheet HTML 44Page - Microchip Technology MCP2021 Datasheet HTML 45Page - Microchip Technology MCP2021 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 43
MCP2021/2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2021:
LIN Transceiver with Voltage Regulator
MCP2021T:
LIN Transceiver with Voltage Regulator
(Tape and Reel) (SOIC only)
MCP2022:
LIN Transceiver with Voltage Regulator
MCP2022T:
LIN Transceiver with Voltage Regulator
(Tape and Reel) (SOIC only)
Temperature Range:
E
= -40°C to +125°C
Package:
MD = Plastic Micro Small Outline (4x4), 8-lead
MF = Plastic Micro Small Outline (6x5), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
SL
= Plastic SOIC, (150 mil Body), 14-lead
ST
= Plastic Thin Shrink Small Outline, 14-lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2021-330E/SN:
3.3V, 8L-SOIC pkg.
b)
MCP2021-330E/P:
3.3V, 8L-PDIP pkg.
c)
MCP2021-500E/MF:
5.0V, 8L-DFN-S pkg.
d)
MCP2021-500E/SN:
5.0V, 8L-SOIC pkg.
e)
MCP2021-500E/MD:
5.0V, 8L-DFN pkg.
f)
MCP2021-330E/P:
5.0V, 8L-PDIP pkg.
g)
MCP2021T-330E/SN: Tape and Reel,
3.3V, 8L-SOIC pkg.
h)
MCP2021T-500E/MD: Tape and Reel,
5.0V, 8L-DFN pkg.
i)
MCP2021T-500E/SN: Tape and Reel,
5.0V, 8L-SOIC pkg.
a)
MCP2022-330E/SL:
3.3V, 14L-SOIC pkg.
b)
MCP2022-330E/P:
3.3V, 14L-PDIP pkg.
c)
MCP2022-500E/SL:
5.0V, 14L-SOIC pkg.
d)
MCP2022-500E/P:
5.0V, 14L-PDIP pkg.
e)
MCP2022T-330E/SL:
Tape and Reel,
3.3V, 14L-SOIC pkg.
f)
MCP2022T-500E/SL:
Tape and Reel,
5.0V, 14L-SOIC pkg.
g)
MCP2022T-500E/ST:
Tape and Reel,
5.0V, 14L-TSSOP pkg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com