Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2021 Datasheet HTML 1Page - Microchip Technology MCP2021 Datasheet HTML 2Page - Microchip Technology MCP2021 Datasheet HTML 3Page - Microchip Technology MCP2021 Datasheet HTML 4Page - Microchip Technology MCP2021 Datasheet HTML 5Page - Microchip Technology MCP2021 Datasheet HTML 6Page - Microchip Technology MCP2021 Datasheet HTML 7Page - Microchip Technology MCP2021 Datasheet HTML 8Page - Microchip Technology MCP2021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 1
MCP2021/2
Features
• The MCP2021 and MCP2022 are compliant with
LIN Bus Specifications 1.3, 2.0, and 2.1 and are
compliant to SAE J2602
• Support Baud Rates up to 20 Kbaud with
LIN-compatible output driver
• 43V load dump protected
• Very low EMI meets stringent OEM requirements
• Wide supply voltage, 6.0V - 18.0V continuous:
- Maximum input voltage of 30V
• Extended Temperature Range: -40 to +125°C
• Interface to PIC EUSART and standard USARTs
• Local Interconnect Network (LIN) bus pin:
- Internal pull-up resistor and diode
- Protected against ground shorts
- Protected against loss of ground
- High current drive
• Automatic thermal shutdown
• On-Board Voltage Regulator:
- Output voltage of 5.0V with tolerances of
±3% overtemperature range
- Available with alternate output voltage of
3.3V with tolerances of ±3% overtemperature
range
- Maximum continuous input voltage of 30V
- Internal thermal overload protection
- Internal short circuit current limit
- External components limited to filter
capacitor only and load capacitor
• Two low-power modes:
- Receiver on, Transmitter off, voltage
regulator on (
85 µA)
- Receiver monitoring bus, Transmitter off,
voltage regulator off (
16 µA)
Description
The MCP2021/2 provides a bidirectional, half-duplex
communication physical interface to automotive, and
industrial LIN systems to meet the LIN bus specification
Revision 2.0. The device incorporates a voltage
regulator with 5V @ 50 mA or 3.3V @ 50 mA regulated
power supply output. The regulator is short circuit
protected, and is protected by an internal thermal shut-
down circuit. The regulator has been specifically
designed to operate in the automotive environment and
will survive reverse battery connections, +43V load
dump transients, and double-battery jumps. The device
has been designed to meet the stringent quiescent
current requirements of the automotive industry.
MCP2021/2 family members:
• 8-pin PDIP, DFN and SOIC packages:
- MCP2021-330, LIN-compatible driver,
8-pin, 3.3V regulator
- MCP2021-500, LIN-compatible driver,
8-pin, 5.0V regulator
• 14-lead PDIP, TSSOP and SOIC packages with
RESET output:
- MCP2022-330, LIN-compatible driver,
14-pin, 3.3V regulator
- MCP2022-500, LIN-compatible driver,
14-pin, 5.0V regulator
Package Types
DFN-8, PDIP-8, SOIC-8
1
2
3
4
8
7
6
5
PDIP-14, SOIC-14, TSSOP-14
1
2
3
4
14
13
12
11
10
9
8
5
6
7
RXD
CS/LWAKE
VREG
TXD
FAULT/TXE
VBB
LBUS
VSS
RXD
CS/LWAKE
VREG
TXD
RESET
NC
NC
FAULT/TXE
VBB
LBUS
VSS
NC
NC
NC
LIN Transceiver with Voltage Regulator


Similar Part No. - MCP2021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP2021-330E-P MICROCHIP-MCP2021-330E-P Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP2021-330E-SN MICROCHIP-MCP2021-330E-SN Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP2021-330E/MD MICROCHIP-MCP2021-330E/MD Datasheet
1Mb / 54P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021-330E/MF MICROCHIP-MCP2021-330E/MF Datasheet
1Mb / 54P
LIN Transceiver with Voltage Regulator
03/25/14
More results

Similar Description - MCP2021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2025 MICROCHIP-MCP2025_14 Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com