Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 6Page - Microchip Technology MCP2021 Datasheet HTML 7Page - Microchip Technology MCP2021 Datasheet HTML 8Page - Microchip Technology MCP2021 Datasheet HTML 9Page - Microchip Technology MCP2021 Datasheet HTML 10Page - Microchip Technology MCP2021 Datasheet HTML 11Page - Microchip Technology MCP2021 Datasheet HTML 12Page - Microchip Technology MCP2021 Datasheet HTML 13Page - Microchip Technology MCP2021 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MCP2021/2
DS22018E-page 10
© 2009 Microchip Technology Inc.
1.6
Internal Voltage Regulator
1.6.1
5.0V REGULATOR
The MCP2021 has a low-drop-out voltage, positive
regulator capable of supplying 5.00 VDC ±3% at up to
50 mA of load current over the entire operating
temperature range of -40°C to +125°C. With a load
current of 50 mA, the minimum input to output voltage
differential required for the output to remain in
regulation is typically +0.5V (+1V maximum over the
full operating temperature range). Quiescent current is
less than 100 µA with a full 50 mA load current when
the input to output voltage differential is greater than
+3.00V.
The regulator requires an external output bypass
capacitor for stability. See Figure 2-3 for correct capac-
ity and ESR for stable operation.
Designed for automotive applications, the regulator will
protect itself from double-battery jumps and up to +43V
load dump transients. The voltage regulator has both
short-circuit and thermal shutdown protection built-in.
Regarding the correlation between VBB, VREG and IDD,
please refer to Figure 1-5 through 1-7. When the input
voltage (VBB) drops below the differential needed to
provide stable regulation, the output Vreg will track the
input down to approximately 3.5V, at which point the
regulator will turn off. This will allow microcontrollers
with internal POR circuits to generate a clean arming of
the Power-on Reset trip point. The MCP2021 will then
monitor VBB and turn on the regulator when Vbb is
6.0V.
When the input voltage (VBB) drops below the
differential needed to provide stable regulation, the
output VREG) will track the input down to approximately
+4.25V. The regulator will turn off the output at this
point. This will allow PIC® microcontrollers, with
internal POR circuits, to generate a clean arming of the
Power-on Reset trip point. The regulator output will
stay off until VBB is above +5.75 VDC.
In the start phase, the device must see at least 6.0V to
initiate operation during power up. In the Power-down
mode, the VBB monitor will be turned off.
The regulator has a thermal shutdown. If the thermal
protection
circuit
detects
an
over
temperature
condition, and the signals TXD and RXD are LOW, or
TXD is HIGH, the regulator will shut down. The recovery
from the thermal shutdown is equal to adequate cooling
time.
FIGURE 1-4:
VOLTAGE REGULATOR BLOCK DIAGRAM
Note:
The regulator has an overload current
limiting of approximately 100 mA. During a
short circuit, the VREG is monitored. If
VREG is lower than 3.5V, the VREG will turn
off. After a recovery time of about three
milliseconds, the VREG will be checked
again. If there is no short circuit, (VREG >
3.5V) then the VREG will be switched back
on.
Pass
Element
Sampling
Network
Buffer
VREG
VBB
VSS
Fast
Transient
Loop
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com