Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/P Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6241RT-E/P
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6241RT-E/P Datasheet HTML 30Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 31Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 32Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 33Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 34Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 35Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 36Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 37Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 35
MCP6241/1R/1U/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6241:
Single Op Amp (MSOP, PDIP, SOIC)
MCP6241T:
Single Op Amp (Tape and Reel)
(MSOP, SOIC, SOT-23)
MCP6241RT:
Single Op Amp (Tape and Reel)
(SOT-23)
MCP6241UT:
Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
MCP6242:
Dual Op Amp
MCP6242T:
Dual Op Amp (Tape and Reel)
(MSOP, SOIC)
MCP6244:
Quad Op Amp
MCP6244T:
Quad Op Amp (Tape and Reel)
(SOIC, TSSOP)
Temperature Range:
E
= -40° C to +125° C
Package:
LT
= Plastic Package (SC-70), 5-lead (MCP6241U only)
MC = Plastic Dual Flat, No Lead (DFN), 8-lead,
(MCP6241 only)
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6241, MCP6241R, MCP6241U)
SN = Plastic SOIC (150 mil Body), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
ST
= Plastic TSSOP (4.4 mil Body), 14-lead
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6241-E/SN:
Extended Temp.,
8LD SOIC package.
b)
MCP6241-E/MS:
Extended Temp.,
8LD MSOP package.
c)
MCP6241-E/P:
Extended Temp.,
8LD PDIP package.
d)
MCP6241-E/MC:
Extended Temp.,
8LD DFN package.
e)
MCP6241RT-E/OT: Tape and Reel,
Extended Temp.,
5LD SOT-23 package
f)
MCP6241UT-E/OT: Tape and Reel,
Extended Temp.,
5LD SOT-23 package.
g)
MCP6241UT-E/LT: Tape and Reel,
Extended Temp.,
5LD SC-70 package.
a)
MCP6242-E/SN:
Extended Temp.,
8LD SOIC package.
b)
MCP6242-E/MS:
Extended Temp.,
8LD MSOP package.
c)
MCP6242-E/P:
Extended Temp.,
8LD PDIP package.
d)
MCP6242T-E/SN:
Tape and Reel,
Extended Temp.,
8LD SOIC package.
a)
MCP6244-E/P:
Extended Temp.,
14LD PDIP package.
b)
MCP6244-E/SL:
Extended Temp.,
14LD SOIC package.
c)
MCP6244-E/ST:
Extended Temp.,
14LD TSSOP
package.
d)
MCP6244T-E/SL:
Tape and Reel,
Extended Temp.,
14LD SOIC package.
e)
MCP6244T-E/ST:
Tape and Reel,
Extended Temp.,
14LD TSSOP
package.
X
Tape and Reel
Alternate Pinout
and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com