Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6241RT-E/P
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6241RT-E/P Datasheet HTML 5Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 6Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 9Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 10Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 11Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 12Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 9
MCP6241/1R/1U/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Power Supply (VSS and VDD)
The positive power supply (VDD) is 1.8V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.4
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).
MCP6241
MCP6241R
MCP6241U
Symbol
Description
DFN
MSOP, PDIP,
SOIC
SOT-23-5
SOT-23-5
SOT-23-5,
SC-70
66
1
1
4
VOUT
Analog Output
22
4
4
3
VIN–
Inverting Input
33
3
3
1
VIN+
Non-inverting Input
77
5
2
5
VDD
Positive Power Supply
44
2
5
2
VSS
Negative Power Supply
1, 5, 8
1, 5, 8
—
—
—
NC
No Internal Connection
9—
—
—
—
EP
Exposed Thermal Pad (EP);
must be connected to VSS.
MCP6242
MCP6244
Symbol
Description
MSOP, PDIP, SOIC
PDIP, SOIC, TSSOP
11
VOUTA
Analog Output (op amp A)
22
VINA–
Inverting Input (op amp A)
33
VINA+
Non-inverting Input (op amp A)
84
VDD
Positive Power Supply
55
VINB+
Non-inverting Input (op amp B)
66
VINB–
Inverting Input (op amp B)
77
VOUTB
Analog Output (op amp B)
—8
VOUTC
Analog Output (op amp C)
—9
VINC–
Inverting Input (op amp C)
—10
VINC+
Non-inverting Input (op amp C)
411
VSS
Negative Power Supply
—12
VIND+
Non-inverting Input (op amp D)
—13
VIND–
Inverting Input (op amp D)
—14
VOUTD
Analog Output (op amp D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com