Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6241RT-E/P
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6241RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 9Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 10Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 11Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 12Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 13Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 14Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 15Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP6241/1R/1U/2/4
DS21882D-page 12
© 2008 Microchip Technology Inc.
A significant amount of current can flow out of the
inputs when the common mode voltage (VCM) is below
ground (VSS); see Figure 2-19. Applications that are
high impedance may need to limit the useable voltage
range.
4.1.3
NORMAL OPERATION
The input stage of the MCP6241/1R/1U/2/4 op amps
use two differential CMOS input stages in parallel. One
operates at low common mode input voltage (VCM),
while the other operates at high VCM. WIth this topol-
ogy, the device operates with VCM up to 0.3V above
VDD and 0.3V below VSS.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6241/1R/1U/2/4
op amps is VDD –35mV (maximum) and VSS +35mV
(minimum) when RL =10kΩ is connected to VDD/2 and
VDD = 5.5V. Refer to Figure 2-14 for more information.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage-feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. A unity-gain buffer (G = +1) is the most
sensitive to capacitive loads, but all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 70 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-4) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-4:
Output Resistor, RISO
stabilizes large capacitive loads.
Figure 4-5 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
signal gain are equal. For inverting gains, GN is
1 + |Signal Gain| (e.g., –1 V/V gives GN = +2 V/V).
FIGURE 4-5:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Evaluation on the bench and
simulations with the MCP6241/1R/1U/2/4 SPICE
macro model are very helpful. Modify RISO’s value until
the response is reasonable.
4.4
Supply Bypass
With this op amp, the power supply pin (VDD for
single-supply) should have a local bypass capacitor
(i.e., 0.01 µF to 0.1 µF) within 2 mm for good high-
frequency performance. It can use a bulk capacitor
(i.e., 1 µF or larger) within 100 mm to provide large,
slow currents. This bulk capacitor can be shared with
other nearby analog parts.
4.5
Unused Op Amps
An unused op amp in a quad package (MCP6244)
should be configured as shown in Figure 4-6. Both
circuits prevent the output from toggling and causing
crosstalk. Circuit A can use any reference voltage
between the supplies, provides a buffered DC voltage,
and minimizes the supply current draw of the unused
op
amp.
Circuit
B
minimizes
the
number
of
components, but may draw a little more supply current
for the unused op amp.
FIGURE 4-6:
Unused Op Amps.
VIN
RISO
VOUT
MCP624X
CL
–
+
1.E+02
1.E+03
1.E+04
1.E+01
1.E+02
1.E+03
1.E+04
Normalized Load Capacitance; CL/GN (F)
10p
100p
1n
10n
10k
1k
100
GN = +1 V/V
GN ≥ +2 V/V
VDD
VDD
¼ MCP6244 (A)
¼ MCP6244 (B)
R1
R2
VDD
VREF
V
REF
V
DD
R
2
R
1
R
2
+
------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com