Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6241RT-E/P
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6241RT-E/P Datasheet HTML 9Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 10Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 11Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 12Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 13Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 14Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 15Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 16Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 13
MCP6241/1R/1U/2/4
4.6
PCB Surface Leakage
In applications where low input bias current is critical,
PCB (printed circuit board) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow, which is greater than the
MCP6241/1R/1U/2/4 family’s bias current at 25°C
(1 pA, typical).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-7.
FIGURE 4-7:
Example Guard Ring Layout
for Inverting Gain.
1.
Non-inverting Gain and Unity-Gain Buffer:
a.
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b.
Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
common mode input voltage.
2.
Inverting Gain and Transimpedance Amplifiers
(convert current to voltage, such as photo
detectors):
a.
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b.
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
4.7
Application Circuits
4.7.1
MATCHING THE IMPEDANCE AT
THE INPUTS
To minimize the effect of offset voltage in an amplifier
circuit, the impedances at the inverting and non-
inverting inputs need to be matched. This is done by
choosing the circuit resistor values so that the total
resistance at each input is the same. Figure 4-8 shows
a summing amplifier circuit.
FIGURE 4-8:
Summing Amplifier Circuit.
To match the inputs, set all voltage sources to ground
and calculate the total resistance at the input nodes. In
this summing amplifier circuit, the resistance at the
inverting input is calculated by setting VIN1, VIN2 and
VOUT to ground. In this case, RG1, RG2 and RF are in
parallel. The total resistance at the inverting input is:
At the non-inverting input, VDD is the only voltage
source. When VDD is set to ground, both RX and RY are
in parallel. The total resistance at the non-inverting
input is:
To minimize offset voltage and increase circuit
accuracy, the resistor values need to meet the
condition:
Guard Ring
V
SS
VIN-VIN+
MCP6241
VOUT
VIN2
–
+
VIN1
RG2
RG1
RF
RZ
VDD
RX
RY
R
VIN –
1
1
R
G1
---------
1
R
G2
---------
1
R
F
------
++
⎝⎠
⎛⎞
---------------------------------------------
=
Where:
RVIN– = total resistance at the inverting input
R
VIN+
1
1
R
X
------
1
R
Y
------
+
⎝⎠
⎛⎞
-------------------------
R
Z
+
=
Where:
RVIN+ = total resistance at the inverting
input
R
VIN+
R
VIN –
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com