Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/P Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6241RT-E/P
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6241RT-E/P Datasheet HTML 2Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 3Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 4Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 5Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 6Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 9Page - Microchip Technology MCP6241RT-E/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MCP6241/1R/1U/2/4
DS21882D-page 6
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 1.8V.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 5.5V.
FIGURE 2-10:
Input Offset Voltage Drift.
FIGURE 2-11:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-12:
Output Short-Circuit Current
vs. Ambient Temperature.
10
100
1,000
10,000
1.E-01 1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
Frequency (Hz)
0.1
100
1k
10k
100k
10
1
-300
-200
-100
0
100
200
300
Common Mode Input Voltage (V)
VDD = 1.8V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
-200
-100
0
100
200
300
400
Common Mode Input Voltage (V)
VDD = 5.5V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Offset Voltage Drift (µV/°C)
628 Samples
VCM = VSS
TA = -40°C to +125°C
300
350
400
450
500
550
600
650
700
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Output Voltage (V)
VDD = 1.8V
VCM = VSS
VDD = 5.5V
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
+ISC
-ISC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com