Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23018 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 35Page - Microchip Technology MCP23018 Datasheet HTML 36Page - Microchip Technology MCP23018 Datasheet HTML 37Page - Microchip Technology MCP23018 Datasheet HTML 38Page - Microchip Technology MCP23018 Datasheet HTML 39Page - Microchip Technology MCP23018 Datasheet HTML 40Page - Microchip Technology MCP23018 Datasheet HTML 41Page - Microchip Technology MCP23018 Datasheet HTML 42Page - Microchip Technology MCP23018 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 39
MCP23018/MCP23S18
TABLE 2-4:
I2C BUS DATA REQUIREMENTS (SLAVE MODE)
I2C™ AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C
RPU (SCL, SDA) = 1 k
Ω, CL (SCL, SDA) = 135 pF.
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
100
Clock High Time:
THIGH
100 kHz mode
4.0
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
1.8V – 5.5V
3.4 MHz mode
0.06
—
—
µs
2.7V – 5.5V
101
Clock Low Time:
TLOW
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V
400 kHz mode
1.3
—
—
µs
1.8V – 5.5V
3.4 MHz mode
0.16
—
—
µs
2.7V – 5.5V
102
SDA and SCL Rise Time:
TR
(Note 1)
100 kHz mode
—
—
1000
ns
1.8V – 5.5V
400 kHz mode
20 + 0.1 CB(2)
—
300
ns
1.8V – 5.5V
3.4 MHz mode
10
—
80
ns
2.7V – 5.5V
103
SDA and SCL Fall Time:
TF
(Note 1)
100 kHz mode
—
—
300
ns
1.8V – 5.5V
400 kHz mode
20 + 0.1 CB(2)
—
300
ns
1.8V – 5.5V
3.4 MHz mode
10
—
80
ns
2.7V – 5.5V
90
START Condition Setup Time:
TSU:STA
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
1.8V – 5.5V
3.4 MHz mode
0.16
—
—
µs
2.7V – 5.5V
91
START Condition Hold Time:
THD:STA
100 kHz mode
4.0
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
1.8V – 5.5V
3.4 MHz mode
0.16
—
—
µs
2.7V – 5.5V
106
Data Input Hold Time:
THD:DAT
100 kHz mode
0
—
3.45
µs
1.8V – 5.5V
400 kHz mode
0
—
0.9
µs
1.8V – 5.5V
3.4 MHz mode
0
—
0.07
µs
2.7V – 5.5V
107
Data Input Setup Time:
TSU:DAT
100 kHz mode
250
—
—
ns
1.8V – 5.5V
400 kHz mode
100
—
—
ns
1.8V – 5.5V
3.4 MHz mode
0.01
—
—
µs
2.7V – 5.5V
92
STOP Condition Setup Time:
TSU:STO
100 kHz mode
4.0
—
—
µs
1.8V – 5.5V
400 kHz mode
0.6
—
—
µs
2.7V – 5.5V
3.4 MHz mode
0.16
—
—
µs
4.5V – 5.5V
Note 1:
This parameter is characterized, not 100% tested.
2:
CB is specified from 10 to 400 (pF).
3:
This parameter is not applicable in high-speed mode (3.4 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com