Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23018 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 2Page - Microchip Technology MCP23018 Datasheet HTML 3Page - Microchip Technology MCP23018 Datasheet HTML 4Page - Microchip Technology MCP23018 Datasheet HTML 5Page - Microchip Technology MCP23018 Datasheet HTML 6Page - Microchip Technology MCP23018 Datasheet HTML 7Page - Microchip Technology MCP23018 Datasheet HTML 8Page - Microchip Technology MCP23018 Datasheet HTML 9Page - Microchip Technology MCP23018 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MCP23018/MCP23S18
DS22103A-page 6
© 2008 Microchip Technology Inc.
TABLE 1-2:
SPI PINOUT DESCRIPTION (MCP23S18)
Pin
Name
28L
PDIP/
SOIC
24L
QFN
Pin
Type
Standard Function
GPB0
3
24
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB1
4
1
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB2
5
2
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB3
6
3
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB4
7
4
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB5
8
5
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB6
9
6
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPB7
10
7
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
VDD
11
8
P
Power (high current capable)
VSS
1
23
P
Ground (high current capable)
CS
12
9
I
Chip select
SCK
13
10
I
Serial clock input
SI
14
11
I
Serial data input
SO
15
12
O
Serial data out
RESET
16
13
I
Hardware reset (must be externally biased)
INTB
18
—
O
Interrupt output for port B. Can be configured as active high, active low, or open
drain.
INTA
19
14
O
Interrupt output for port A. Can be configured as active high, active low, or open
drain.
GPA0
20
15
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA1
21
16
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA2
22
17
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA3
23
18
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA4
24
19
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA5
25
20
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA6
26
21
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
GPA7
27
22
I/O
Bidirectional I/O Pin (5.5 volt tolerant inputs; open-drain outputs). Can be enabled
for interrupt on change, and/or internal pull-up resistor.
NC
2, 17,
28
—
Not connected
EP
—
25
—
Exposed Thermal Pad (EP). Do not electrically connect, or connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com