Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23018 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 3Page - Microchip Technology MCP23018 Datasheet HTML 4Page - Microchip Technology MCP23018 Datasheet HTML 5Page - Microchip Technology MCP23018 Datasheet HTML 6Page - Microchip Technology MCP23018 Datasheet HTML 7Page - Microchip Technology MCP23018 Datasheet HTML 8Page - Microchip Technology MCP23018 Datasheet HTML 9Page - Microchip Technology MCP23018 Datasheet HTML 10Page - Microchip Technology MCP23018 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 7
MCP23018/MCP23S18
1.2
Power-on Reset (POR)
The on-chip POR circuit holds the device in reset until
VDD has reached a high enough voltage to deactivate
the POR circuit (i.e., release the device from reset).
The maximum VDD rise time is specified in the
electrical specification section.
When the device exits the POR condition (releases
reset), device operating parameters (i.e., voltage,
temperature, serial bus frequency, etc.) must be met to
ensure proper operation.
1.3
Serial Interface
This block handles the functionality of the I2C
(MCP23018) or SPI (MCP23S18) interface protocol.
The MCP23X18 contains twenty two (22) individual
registers (eleven [11] register pairs) which can be
addressed through the Serial Interface block (Table 1-
1).
TABLE 1-1:
REGISTER ADDRESSES
1.3.1
BYTE MODE AND SEQUENTIAL
MODE
The MCP23X18 has the ability to operate in “Byte
Mode” or “Sequential Mode” (IOCON.SEQOP). Byte
mode and sequential mode are not to be confused with
I2C byte operations and sequential operations. The
modes explained here relate to the device’s internal
address pointer and whether or not it is incremented
after each byte is clocked on the serial interface.
Byte Mode disables automatic address pointer incre-
menting.
When
operating
in
Byte
Mode,
the
MCP23X18 does not increment its internal address
counter after each byte during the data transfer. This
gives the ability to continually access the same address
by providing extra clocks (without additional control
bytes). This is useful for polling the GPIO register for
data changes or for continually writing to the output
latches.
A special mode (Byte Mode with IOCON.BANK = 0)
causes the address pointer to toggle between associ-
ated A/B register pairs. For example, if the BANK bit is
cleared and the address pointer is initially set to
address 12h (GPIOA) or 13h (GPIOB), the pointer will
toggle between GPIOA and GPIOB. Note, the address
pointer can initially point to either address in the regis-
ter pair.
Sequential Mode enables automatic address pointer
incrementing. When operating in Sequential Mode, the
MCP23X18 increments its address counter after each
byte during the data transfer. The address pointer auto-
matically rolls over to address 00h after accessing the
last register.
These two modes are not to be confused with single
writes/reads and continuous writes/reads which are
serial protocol sequences. For example, the device
may be configured for Byte Mode and the master may
perform
a
continuous
read.
In
this
case,
the
MCP23X18 would not increment the address pointer
and would repeatedly drive data from the same loca-
tion.
1.3.2
I2C INTERFACE
1.3.2.1
I2C Write Operation
The I2C write operation includes the control byte and
register address sequence, as shown in the bottom of
Figure 1-1. This sequence is followed by eight bits of
data from the master and an Acknowledge (ACK) from
the MCP23018. The operation is ended with a stop (P)
or restart (SR) condition being generated by the mas-
ter.
Data is written to the MCP23018 after every byte trans-
fer. If a stop or restart condition is generated during a
data transfer, the data will not be written to the
MCP23018.
Both “byte mode” and “sequential mode” are supported
by the MCP23018. If sequential mode is enabled
(default), the MCP23018 increments its address
counter after each ACK during the data transfer.
Address
IOCON.BANK = 1
Address
IOCON.BANK = 0
Access to:
00h
00h
IODIRA
10h
01h
IODIRB
01h
02h
IPOLA
11h
03h
IPOLB
02h
04h
GPINTENA
12h
05h
GPINTENB
03h
06h
DEFVALA
13h
07h
DEFVALB
04h
08h
INTCONA
14h
09h
INTCONB
05h
0Ah
IOCON
15h
0Bh
IOCON
06h
0Ch
GPPUA
16h
0Dh
GPPUB
07h
0Eh
INTFA
17h
0Fh
INTFB
08h
10h
INTCAPA
18h
11h
INTCAPB
09h
12h
GPIOA
19h
13h
GPIOB
0Ah
14h
OLATA
1Ah
15h
OLATB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com