Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23018 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 13Page - Microchip Technology MCP23018 Datasheet HTML 14Page - Microchip Technology MCP23018 Datasheet HTML 15Page - Microchip Technology MCP23018 Datasheet HTML 16Page - Microchip Technology MCP23018 Datasheet HTML 17Page - Microchip Technology MCP23018 Datasheet HTML 18Page - Microchip Technology MCP23018 Datasheet HTML 19Page - Microchip Technology MCP23018 Datasheet HTML 20Page - Microchip Technology MCP23018 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 17
MCP23018/MCP23S18
TABLE 1-5:
CONTROL REGISTER SUMMARY (IOCON.BANK = 0)
Register
Name
Address
(hex)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
POR/RST
value
IODIRA
00
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
1111 1111
IODIRB
01
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
1111 1111
IPOLA
02
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
0000 0000
IPOLB
03
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
0000 0000
GPINTENA
04
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
0000 0000
GPINTENB
05
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
0000 0000
DEFVALA
06
DEF7
DEF6
DEF5
DEF4
DEF3
DEF2
DEF1
DEF0
0000 0000
DEFVALB
07
DEF7
DEF6
DEF5
DEF4
DEF3
DEF2
DEF1
DEF0
0000 0000
INTCONA
08
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
0000 0000
INTCONB
09
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
0000 0000
IOCON
0A
BANK
MIRROR
SEQOP
—
—ODR
INTPOL
INTCC
0000 0000
IOCON
0B
BANK
MIRROR
SEQOP
—
—
ODR
INTPOL
INTCC
0000 0000
GPPUA
0C
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
0000 0000
GPPUB
0D
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
0000 0000
INTFA
0E
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INTO
0000 0000
INTFB
0F
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INTO
0000 0000
INTCAPA
10
ICP7ICP6ICP5ICP4ICP3ICP2ICP1ICP0
0000 0000
INTCAPB
11
ICP7
ICP6
ICP5
ICP4
ICP3
ICP2
ICP1
ICP0
0000 0000
GPIOA
12
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
0000 0000
GPIOB
13
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
0000 0000
OLATA
14
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
0000 0000
OLATB
15
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com