Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23018 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Datasheet(HTML) 1 Page - Microchip Technology

  MCP23018 Datasheet HTML 1Page - Microchip Technology MCP23018 Datasheet HTML 2Page - Microchip Technology MCP23018 Datasheet HTML 3Page - Microchip Technology MCP23018 Datasheet HTML 4Page - Microchip Technology MCP23018 Datasheet HTML 5Page - Microchip Technology MCP23018 Datasheet HTML 6Page - Microchip Technology MCP23018 Datasheet HTML 7Page - Microchip Technology MCP23018 Datasheet HTML 8Page - Microchip Technology MCP23018 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 1
MCP23018/MCP23S18
Features
• 16-bit remote bidirectional I/O port:
- I/O pins default to input
• Open-drain outputs:
-5.5V tolerant
- 25 mA sink capable (per pin)
- 400 mA total
• High-speed I2C™ interface: (MCP23018)
- 100 kHz
- 400 kHz
-3.4 MHz
• High-speed SPI interface: (MCP23S18)
- 10 MHz: 2.7V
≤ VDD ≤ 5.5V
• Single hardware address pin: (MCP23018)
- Voltage input to allow up to eight devices on
the bus
• Configurable interrupt output pins:
- Configurable as active-high, active-low or
open-drain
• Configurable interrupt source:
- Interrupt-on-change from configured defaults
or pin change
• Polarity inversion register to configure the polarity
of the input port data
• External reset input
• Low standby current:
- 1 µA (-40°C
≤ TA ≤ +85°C)
- 6 µA (+85°C
≤ TA ≤ +125°C)
• Operating voltage:
- 1.8V to 5.5V
Packages
28-pin PDIP (300 mil)
28-pin SOIC (300 mil)
24-pin SSOP (MCP23018 only)
24-pin QFN (4x4 [mm])
Block Diagram
GPB7
GPB6
GPB5
GPB4
GPB3
GPB2
GPB1
GPB0
I2C
Control
GPIO
SCL
SDA
RESET
INTA
16
Configuration/
8
ADDR
Control
Registers
SPI
SI
SO
SCK
CS
MCP23S18
MCP23018
GPA7
GPA6
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
INTB
Interrupt
GPIO
Serializer/
Deserializer
Logic
Multi-bit
Decode
Open-drain
16-Bit I/O Expander with Open-Drain Outputs


Similar Part No. - MCP23018

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
MCP23016 MICROCHIP-MCP23016 Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23016-I/ML MICROCHIP-MCP23016-I/ML Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
MCP23016-I/SO MICROCHIP-MCP23016-I/SO Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
MCP23016-I/SP MICROCHIP-MCP23016-I/SP Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
More results

Similar Description - MCP23018

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23009-E MICROCHIP-MCP23009-E Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
03/26/09
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com