Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6071T-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6071T-E/ST Datasheet HTML 26Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 27Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 28Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 29Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 30Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 31Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 32Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 33Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22142A-page 31
MCP6071/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6071:
Single Op Amp
MCP6071T:
Single Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6072:
Dual Op Amp
MCP6072T:
Dual Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6074:
Quad Op Amp
MCP6074T:
Quad Op Amp (Tape and Reel)
(SOIC and TSSOP)
Temperature Range:
E
= -40°C to +125°C
Package:
MNY * = Plastic Dual Flat, No Lead, (2x3 TDFN ) 8-leadd
SL
= Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
ST
= Plastic TSSOP (4.4mm Body), 14-lead
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN package.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6071-E/SN:
8LD SOIC pkg
b)
MCP6071T-E/SN:
Tape and Reel,
8LD SOIC pkg
c)
MCP6071-E/MNY:
8LD 2x3 TDFN pkg
d)
MCP6071T-E/MNY:
Tape and Reel,
8LD 2x3 TDFN pkg
a)
MCP6072-E/SN:
8LD SOIC pkg
b)
MCP6072T-E/SN:
Tape and Reel,
8LD SOIC pkg
c)
MCP6072-E/MN:
8LD 2x3 TDFN pkg
d)
MCP6072T-E/MN:
Tape and Reel
8LD 2x3 TDFN pkg
a)
MCP6074-E/SL:
14LD SOIC pkg
b)
MCP6074T-E/SL:
Tape and Reel,
14LD SOIC pkg
c)
MCP6074-E/ST:
14LD TSSOP pkg
d)
MCP6074T-E/ST:
Tape and Reel,
14LD TSSOP pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com