Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6071T-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6071T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MCP6071/2/4
DS22142A-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-31:
Small Signal Inverting Pulse
Response.
FIGURE 2-32:
Large Signal Non-Inverting
Pulse Response.
FIGURE 2-33:
Large Signal Inverting Pulse
Response.
FIGURE 2-34:
The MCP6071/2/4 Shows
No Phase Reversal.
FIGURE 2-35:
Closed Loop Output
Impedance vs. Frequency.
FIGURE 2-36:
Measured Input Current vs.
Input Voltage (below VSS).
Time (2 µs/div)
VDD = 6.0V
G = -1 V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Time (0.02 ms/div)
VDD = 6.0V
G = +1 V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Time (0.02 ms/div)
VDD = 6.0V
G = -1 V/V
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time (0.2 ms/div)
VDD = 6.0V
G = +2 V/V
VOUT
VIN
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
GN:
101 V/V
11 V/V
1 V/V
10
100
1k
10k
100k
1M
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
VIN (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
1m
100
µ
10µ
1µ
100n
10n
1n
100p
10p
1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com