Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6071T-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6071T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22142A-page 13
MCP6071/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 1.8V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.4
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).
MCP6071
MCP6072
MCP6074
Symbol
Description
SOIC
2x3 TDFN
SOIC
2x3 TDFN
SOIC,
TSSOP
66111
VOUT, VOUTA
Analog Output (op amp A)
22222
VIN–, VINA–
Inverting Input (op amp A)
33333
VIN+, VINA+
Non-inverting Input (op amp A)
77884
VDD
Positive Power Supply
—
—
555
VINB+
Non-inverting Input (op amp B)
—
—
666
VINB–
Inverting Input (op amp B)
—
—
777
VOUTB
Analog Output (op amp B)
————
8
VOUTC
Analog Output (op amp C)
————
9
VINC–
Inverting Input (op amp C)
————
10
VINC+
Non-inverting Input (op amp C)
4444
11
VSS
Negative Power Supply
————
12
VIND+
Non-inverting Input (op amp D)
————
13
VIND–
Inverting Input (op amp D)
————
14
VOUTD
Analog Output (op amp D)
1, 5, 8
1, 5, 8
—
—
—
NC
No Internal Connection
—9—9—
EP
Exposed Thermal Pad (EP); must be
connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com