Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6071T-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6071T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22142A-page 7
MCP6071/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage with
VDD = 3.0V.
FIGURE 2-2:
Input Offset Voltage Drift
with VDD = 3.0V and TA ≤ +85°C.
FIGURE 2-3:
Input Offset Voltage Drift
with VDD = 3.0V and TA ≥ +85°C.
FIGURE 2-4:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 6.0V.
FIGURE 2-5:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 3.0V.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 1.8V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
Input Offset Voltage (µV)
1244 Samples
VDD = 3.0V
VCM = VDD/3
0%
3%
6%
9%
12%
15%
18%
21%
24%
27%
Input Offset Drift with Temperature (µV/°C)
1244 Samples
VDD = 3.0V
VCM = VDD/3
TA = -40°C to +85°C
0%
3%
6%
9%
12%
15%
18%
21%
24%
27%
Input Offset Drift with Temperature (µV/°C)
1244 Samples
VDD = 3.0V
VCM = VDD/3
TA = +85°C to +125°C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Common Mode Input Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
VDD = 6.0V
Representative Part
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Common Mode Input Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
VDD = 3.0V
Representative Part
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Common Mode Input Voltage (V)
VDD = 1.8V
Representative Part
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com