Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6071T-E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6071T-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6071T-E/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCP6071T-E/ST Datasheet HTML 1Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 2Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6071T-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22142A-page 1
MCP6071/2/4
Features
• Low Offset Voltage:
±150 µV (maximum)
• Low Quiescent Current: 110 µA (typical)
• Rail-to-Rail Input and Output
• Wide Supply Voltage Range: 1.8V to 6.0V
• Gain Bandwidth Product: 1.2 MHz (typical)
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
Applications
• Automotive
• Portable Instrumentation
• Sensor Conditioning
• Battery Powered Systems
• Medical Instrumentation
• Test Equipment
• Analog Filters
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6071/2/4 family of
operational amplifiers (op amps) has low input offset
voltage (
±150 µV, maximum) and rail-to-rail input and
output operation. This family is unity gain stable and
has a gain bandwidth product of 1.2 MHz (typical).
These devices operate with a single supply voltage as
low as 1.8V, while drawing low quiescent current per
amplifier (110 µA, typical). These features make the
family of op amps well suited for single-supply, high
precision, battery-powered applicaitons.
The
MCP6071/2/4
family
is
offered
in
single
(MCP6071), dual (MCP6072), and quad (MCP6074)
configurations.
The
MCP6071/2/4
is
designed
with
Microchip’s
advanced CMOS process. All devices are available in
the extended temperature range, with a power supply
range of 1.8V to 6.0V.
Package Types
MCP6071
RL
VOUT
Gyrator
ZIN
R
C
Z
IN
R
L
j
ωL
+
=
LR
LRC
=
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
8
7
6
5
EP
9
VDD
VOUT
NC
NC
VIN+
VIN–
VSS
NC
MCP6071
SOIC
1
2
3
4
8
7
6
5
EP
9
VOUTB
VINB–
VINB+
VDD
VINA+
VINA–
VSS
VOUTA
MCP6072
SOIC
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
MCP6074
SOIC, TSSOP
VINB+ 5
10 VINC+
VINB– 6
9
VOUTB 7
8 VOUTC
VINC–
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
MCP6071
2x3 TDFN
MCP6072
2x3 TDFN
110 µA, High Precision Op Amps


Similar Part No. - MCP6071T-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6071T-E/SN MICROCHIP-MCP6071T-E/SN Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results

Similar Description - MCP6071T-E/ST

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
0.9 uA, High Precision Op Amps
2007
MCP6051 MICROCHIP-MCP6051 Datasheet
715Kb / 34P
30 關A, High Precision Op Amps
2009
MCP6031 MICROCHIP-MCP6031_08 Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
MCP6061 MICROCHIP-MCP6061_10 Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
logo
3PEAK INC.
TP1561A 3PEAK-TP1561A Datasheet
1Mb / 19P
Stable 6MHz, 500關A, RRIO, Precision, Op Amps
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com