Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS113 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  PS113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
PS113
3-Channel Secondary Monitoring IC
General Description
PS113 is specially designed for switching power supply system. Three important
functions of PS113 are the following: over-voltage protection, short circuit protection
and power good signal generating.
OVP (Over Voltage Protection) monitors 5V, 12V and 3.3V to protect our power
supply and PC, when one of these supply voltages exceeds their normal operation
voltage.
Short circuit protection is done by UVP (Under Voltage Protection). When power
supply is in short circuit, the supply voltages will be much smaller than their normal
operation voltages .We can use UVP to monitor our power supply whether it is in the
dangerous power load.
Power good signal generating notifies personal computer when power supply is
ready or power supply is going to shutdown, therefore it can provide a reliable power
supply environment.
Features
Over voltage protection and lock out
Short circuit protection and lock out
Fault protection output with open drain output stage
Open drain power good output signal for power good input
Built-in 300ms power good delay
75ms delay for short-circuit turn on protection
38ms PSON control de-bounce
73us de-bounce for noise immunity
Wide power supply range from 4V to 16V
Pin to pin compatible with TPS3510
Special care for AC power off
Additional 12V UVP protection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com