Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS113 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
Electrical Characteristics (Continued)
FPO/, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VFPO/=5V
5
uA
ISINK=10mA
0.3
V
Low Level Output Voltage (VOL)
ISINK=30mA
0.7
V
Switching Characteristics, Vcc=5V, Ta = 25˚C.
Parameter
Conditions
MIN
TYP
MAX
Unit
PGI to PGO Delay Time (Td1)
200
300
480
mS
Short Circuit Delay Time (Td2)
49
75
100
mS
PGO to FPO/ Delay Time (Td3)
2
4
6
mS
PSON/ De-bounce Time (Tb1)
24
38
61
mS
Noise De-glitch Time (Tb2)
47
73
120
uS
Application
Note1: Zener diode or resistor or both of them can be used in component X.
Note2: The bypass capacitor Cby suggests to be 0.1uF~ 10uF and layout nearby pin VCC.
1K
+5VSB
PGO
PSON
+5VSB
=
or
S.P.S. Secondary Side
+5V Output
+12V Output
+12V Coil
+3.3V Output
+3.3V Coil
5
1
2
3
4
PGI
PSON/
FPO/
GND
PGO
VS33
VS5
VCC
PS113
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com