Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS113 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  PS113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
Timing Chart
Td1
Tb1
Td3
Td2
FPO/
PSON/
PGI
Vcc
VS12
VS5
VS33
PGO
UVP/OVP
protect
PSON/
turn on
AC
turn on
PSON/
turn off
PSON/
turn on
AC
turn off
VPGI
Td2
Td1
1.25V
0.63V
1.13V
OVP
OVP/UVP
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com