Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS113 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  PS113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
Block Diagram
Vcc
VS5
VS33
3.3 OV
3.3 UV
5 OV
5 UV
12 OV
12 UV
73uS
De-bounce
Band-Gap
Reference
Power On
Reset
Clock
Generator
73uS
De-bounce
H : 300mS
L : 4.5uS
delay
38mS
De-bounce
S
Q
R
FPO/
PSON/
PGI
PGO
GND
POR
Vref
CLK
1M
Ω
1M
Ω
1
0
S
Q
R
1.25V
H : 75mS
L : 4.5uS
delay
H : 4mS
L : 4.5uS
delay
155K
Ω
8.5K
Ω
16.5K
Ω Vref
Vref
VCCI
VCCI
58K
Ω
13.5K
Ω
18.5K
Ω Vref
Vref
VCCI
VCCI
39K
Ω
22K
Ω
29K
Ω
Vref
Vref
VCCI
VCCI
Internal
Power
VCCI = 4V
1.13V
VCCI
0.63V
VCCI
1.25V
VCCI
VCC
VCCI
30K
Ω
1.25V
VCCI
90K
Ω
4.5V
2K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com