Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS113 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  PS113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
Pin Descriptions
Pin No
PIN NAME
Descriptions
1
PGI
Power good input signal pin
2
GND
Ground
3
FPO
Inverted fault protection output ,open drain output stage
4
PSON
ON/OFF control input pin
5
VS33
3.3V over/under voltage protection input pin
6
VS5
5.0V over/under voltage protection input pin
7
VCC
Supply voltage/12V over voltage protection input pin
8
PGO
Power good output signal pin , open drain output stage
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
(Tstg)
-40
to
+125
°C
Operating Temperature (Topr)
-30
to
+90
°C
Supply Voltage
(VCC)
VCC
-0.5
to
+16.0
V
VS33,VS5
-0.5
to
Vcc+0.5
V
PGI
-0.5
to
+16.0
V
Input Voltage Range
(VI)
PSON/
-0.5
to
Vcc+0.5
V
FPO/
-0.5
to
+16.0
V
Output Voltage Range
(VO)
PGO
-0.5
to
Vcc+0.5
V
ESD Susceptibility*
(VESD)
>
2500
V
* Human Body Model (HBM).
Electrical characteristics, Vcc=12V, T
a = 25˚C. (unless otherwise specified)
Power Supply Section
Parameter
Conditions
MIN
TYP
MAX
Unit
Supply Voltage
3.8
5.0
16.0
V
Supply Current
VPSON/ = 5V
2
3
mA
Power On Reset Threshold Voltage (VPOR)
3.6
V
Power On Reset Hysteresis (VHYST)
±0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com