Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119DU/2/2 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF2119DU/2/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU/2/2 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF2119DU/2/2 Datasheet HTML 18Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 19Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 20Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 21Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 22Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
22 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
9.3 CGRAM
Up to 16 user defined characters may be stored in the Character Generator RAM
(CGRAM). Some CGRAM characters (see Figure 21) are also used to drive icons:
• 6 CGRAM characters if icons blink and both icon rows are used in the application
• 3 CGRAM characters if no icons blink but both icon rows are used in the application
• 0 CGRAM characters if no icons are driven by the icon rows
When the icons blink option is enabled, double the number of CGRAM characters are
used since both the on and off state of an icon is defined.
The CGROM and CGRAM use a common address space, of which the first column is
reserved for the CGRAM (see Figure 9 to Figure 14).
Figure 15 shows the addressing principle for the CGRAM.
(1) Character code bit 0 to bit 3 correspond to CGRAM address bit 3 to bit 6.
(2) CGRAM address bit 0 to bit 2 designate the character pattern line position. The 8th line is the cursor position and display is
performed by logical OR with the cursor. Data in the 8th line will appear in the cursor position. Lines are numbered from 0 to 7.
(3) Character pattern column positions correspond to CGRAM data bit 0 to bit 4, as shown in Figure 9 to Figure 14.
(4) As shown in Figure 9 to Figure 14, CGRAM character patterns are selected when character code bit 4 to bit 7 are all logic 0.
CGRAM data = logic 1 corresponds to selection for display.
(5) Only bit 0 to bit 5 of the CGRAM address are set by the Set_CGRAM command. Bit 6 can be set using the Set_DDRAM
command in the valid address range or by using the auto-increment feature during CGRAM write. All bits from bit 0 to bit 6 can
be read using the BF_AC instruction.
Fig 15. Relationship between CGRAM addresses, data and display patterns
coa072
7
654
321
0
654
321
0
432
10
higher
order
bits
lower
order
bits
lower
order
bits
higher
order
bits
lower
order
bits
higher
order
bits
0
000
000
0
0
000
000
0
001
00
0
010
00
0
011
0
100
0
0
0
101
00
0
110
00
0
111
000
00
000
00
0
001
0
0
0
010
00
00
011
100
101
00
00
110
00
00
111
000
00
001
0
000
000
1
0
001
0
000
001
0
0
000
111
1
0
000
111
1
0
000
111
1
0
000
111
1
01
0
0
000
100
101
110
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
11
1
character codes
(DDRAM data)
CGRAM
address
character patterns
(CGRAM data)
432
10
0
00
0
11
1
00
0
0
00
10
00
0
1
00
0
1
1
1
00
1
1
1
11
1
1
1
1
1
00
0
1
10
1
00
0
11
1
0
11
11
01
0
0
01
0
0
1
0
00
0
1
1
01
0
0
1
0
0
00
0
character code
(CGRAM data)
character
pattern
example 1
cursor
position
character
pattern
example 2
(4)
(1)
(1)
(5)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com