Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119DU/2/2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF2119DU/2/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU/2/2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF2119DU/2/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 29Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 30Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 31Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 32Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 33Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 34Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
32 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Bits SC and RL: Curs_disp_shift moves the cursor position or the display to the right or
left without writing or reading display data. This function is used to correct a character or
move the cursor through the display.
In 2-line displays, the cursor moves to the next line when it passes the last position (40) of
the line. When the displayed data is shifted repeatedly all lines shift at the same time;
displayed characters do not shift into the next line.
The address counter content does not change if the only action performed is shift display
(SC = 1) but increments or decrements with the shift cursor (SC = 0).
10.2.2.6
Set_CGRAM
Set_CGRAM: Sets the CGRAM address bits ACG[5:0] into the address counter. Data can
then be written to or read from the CGRAM.
Remark: The CGRAM address uses the same address register as the DDRAM address.
This register consists of 7 bits. But with the Set_CGRAM command, only bit 5 to bit 0 are
set. Bit 6 can be set using the Set_DDRAM command first, or by using the auto-increment
feature during CGRAM write. All bits 6 to 0 can be read using the BF_AC instruction.
When writing to the lower part of the CGRAM, ensure that bit 6 of the address is not set
(e.g. by an earlier DDRAM write).
10.2.2.7
Set_DDRAM
Set_DDRAM: Sets the DDRAM address bits ADD[6:0] into the address counter. Data can
then be written to or read from the DDRAM.
Table 21.
Set_CGRAM bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7 to 6
-
01
fixed value
5 to 0
ACG
000000 to
111111
set CGRAM address
Table 22.
Set_DDRAM bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W-
0
7
-
1
fixed value
6 to 0
ADD
0000000 to
1111111
set DDRAM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com