Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119DU/2/2 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2119DU/2/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU/2/2 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2119DU/2/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
42 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
11.2.1 I2C-bus protocol
One I2C-bus slave address is reserved for the PCF2119x (see Figure 30).
Before any data is transmitted on the I2C-bus, the device which should respond is
addressed first. The addressing is always carried out with the first byte transmitted after
the START procedure.
The I2C-bus configuration for the different PCF2119x read and write cycles is shown in
Figure 31 to Figure 33.
The slow down feature of the I2C-bus protocol (receiver holds SCL line LOW during
internal operations) is not used in the PCF2119x.
11.2.2 I2C-bus definitions
Definitions:
• Transmitter: the device which sends the data to the bus.
• Receiver: the device which receives the data from the bus.
• Master: the device which initiates a transfer, generates clock signals and terminates a
transfer.
• Slave: the device addressed by a master.
• Multi-master: more than one master can attempt to control the bus at the same time
without corrupting the message.
Fig 29. Acknowledgement on the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master
Fig 30. PCF2119x I2C-bus slave address
S
A
0
011101
0
slave address
R/W
013aaa143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com