Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119DU/2/2 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF2119DU/2/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU/2/2 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF2119DU/2/2 Datasheet HTML 64Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 65Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 66Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 67Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 68Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 69Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 70Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 71Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
68 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
17. Bare die outline
Fig 49. Bare die outline of PCF2119x
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF2119X
pcf2119x_do
09-07-16
09-08-03
Unit
mm
max
nom
min
0.380
0.0225
0.0175
0.0125
7.59
1.71
0.070 0.350
A(1)
Dimensions
Note
1. Dimension not drawn to scale
Bare die: 168 bumps; 7.59 x 1.71 x 0.38 mm
PCF2119X
A1(1)
b(1)
0.050
b1(1)
0.100
DE
e(1)
e1(1)
L(1)
0.090
0
2.5
5 mm
scale
Z
detail Z
A
A1
detail X
e
b
detail Y
e1
L
b1
X
Y
E
D
PC2119-2
y
x
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com