Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119DU/2/2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2119DU/2/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU/2/2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2119DU/2/2 Datasheet HTML 21Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 22Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
25 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
The RS bit determines which register will be accessed and the R/W bit indicates if it is a
read or a write operation (see Table 10).
[1]
There is only write access to the instruction register, but read access to the busy flag (BF) and the address
counter (AC) of the BF_AC instruction (see Section 10.2.1.2).
[2]
Write and read access.
Details of the instructions are explained in subsequent sections.
10.1 Data register
The data register temporarily stores data to be read from the DDRAM and CGRAM. Prior
to being read by the Read_data instruction, data from the DDRAM or CGRAM,
corresponding to the address in the instruction register, is written to the data register.
10.2 Instruction register
The instruction register stores instruction codes such as Clear_display, Curs_disp_shift,
and address information for the Display Data RAM (DDRAM) and Character Generator
RAM (CGRAM). The instruction register can be written to but not read from by the system
controller.
The instruction register is sectioned into basic, standard and extended instructions. Bit
H = 1 of the Function_set instruction (see Section 10.2.1.1) sets the chip into extended
instruction set mode.
Table 10.
Register access selection
Symbol
Value
Description
RS
register select
0
instruction register[1]
1
data register[2]
R/W
read/write
0
write operation
1
read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com