Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119FU/2/F2 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF2119FU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 51Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 52Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 53Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 54Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 55Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 56Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 57Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 58Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
55 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
(1) 2
× multiplication factor.
(2) 3
× multiplication factor.
(3) 4
× multiplication factor.
Fig 42. Typical charge pump characteristics (b), VDD = 2.7 V
(1) 2
× multiplication factor.
(2) 3
× multiplication factor.
(3) 4
× multiplication factor.
Fig 43. Typical charge pump characteristics (c), VDD = 4.0 V
mgw574
VLCD (V)
1.25
7.25
5.75
4.25
2.75
100
200
300
IDD
(
µA)
0
(1)
(2)
(3)
mgw575
VLCD (V)
1.25
7.25
5.75
4.25
2.75
100
200
300
IDD
(
µA)
0
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com