Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119FU/2/F2 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCF2119FU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 57Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 58Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 59Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 60Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 61Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 62Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 63Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 64Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
61 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
16.11 8-bit operation, 2-line display
For a 2-line display the cursor automatically moves from the first to the second line after
the 40th digit of the first line has been written. Thus, if there are only 8 characters in the
first line, the DDRAM address must be set after the 8th character is completed
(see Table 41). It should be noted that both lines of the display are always shifted
together; data does not shift from one line to the other.
Table 41.
8-bit operation, 2-line display example; using external reset (character set ‘A’)
Instruction
Step
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Display
Operation
1
power supply on
initialized by the external reset; no
display appears
2
Function_set
sets to 8-bit operation; selects 2-line
display and VLCD generator off
0000110100
3
display mode on/off control
turns on display and cursor; entire
display is blank after initialization
0000001110
4
Entry_mode_set
sets mode to increment the address
by 1 and to shift the cursor to the right
at the time of write to the CG/DDRAM;
display is not shifted
0000000110
5
Write_data to CGRAM/DDRAM
writes ‘P’; the DDRAM has already
been selected by initialization at
power-on; the cursor is incremented
by 1 and shifted to the right
1001010000
P
6 to 10
:
PHILIP
writes ‘HILIP’
11
Write_data to CGRAM/DDRAM
writes ‘S’
1001010011
PHILIPS
12
Set_DDRAM
sets DDRAM address to position the
cursor at the head of the 2nd line
0011000000
PHILIPS
13
Write_data to CGRAM/ DDRAM
writes ‘M’
1001001101
PHILIPS
M
14 to 18
:
PHILIPS
MICROC
writes ‘ICROC’
19
Write_data to CGRAM/DDRAM
writes ‘O’
1001001111
PHILIPS
MICROCO
20
Write_data to CGRAM/DDRAM
sets mode for display shift at the time
of write
0000000111
PHILIPS
MICROCO
21
Write_data to CGRAM/DDRAM
writes ‘M’; display is shifted to the left;
the first and second lines shift
together
1001001101
HILIPS
ICROCOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com