Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119FU/2/F2 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF2119FU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 59Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 60Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 61Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 62Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 63Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 64Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 65Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 66Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
63 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
X = don’t care.
[2]
SDA is left at high-impedance by the microcontroller during the read acknowledge.
16
Write_data to DDRAM
writes ‘S’
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
010100111
17
optional l2C-bus STOP
PHILIPS
18
I2C-bus start
PHILIPS
19
slave address for write
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/WAck
PHILIPS
011101001
20
control byte
CO
RS
0
0
0
0
0
0
Ack
PHILIPS
100000001
21
Return_home
sets DDRAM address 0 in address counter
(also returns shifted display to original
position; DDRAM contents unchanged); this
instruction does not update the data register
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
000000101
22
I2C-bus start
PHILIPS
23
slave address for read
during the acknowledge cycle the content of
the data register is loaded into the internal
I2C-bus interface to be shifted out; in the
previous instruction neither a ‘set address’
nor a Read_data has been performed;
therefore the content of the data register
was unknown; bit R/W has to be set to logic
1 while still in I2C-write mode
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/WAck
PHILIPS
011101011
24
control byte for read
DDRAM content will be read from following
instructions
CO
RS
0
0
0
0
0
0
Ack
PHILIPS
011000001
25
Read_data: 8
× SCL + master acknowledge[2]
8
× SCL; content loaded into interface
during previous acknowledge cycle is
shifted out over SDA; MSB is DB7; during
master acknowledge content of DDRAM
address 01 is loaded into the I2C-bus
interface
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
XXXXXXXX0
26
Read_data: 8
× SCL + master acknowledge[2]
8
× SCL; code of letter ‘H’ is read first;
during master acknowledge code of ‘I’ is
loaded into the I2C-bus interface
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
010010000
27
Read_data: 8
× SCL + no master acknowledge[2]
no master acknowledge; after the content of
the I2C-bus interface register is shifted out
no internal action is performed; no new data
is loaded to the interface register, data
register is not updated, address counter is
not incremented and cursor is not shifted
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
010010011
28
I2C-bus STOP
PHILIPS
Table 42.
Example of I2C-bus operation; 1-line display (using external reset, assuming pin SA0 = VSS)[1] …continued
Step
I2C-bus byte
Display
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com