Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119FU/2/F2 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF2119FU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 54Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 55Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 56Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 57Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 58Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 59Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 60Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 61Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
58 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
16.9 4-bit operation, 1-line display using external reset
The program must set functions prior to a 4-bit operation (see Table 38). When power is
turned on, 8-bit operation is automatically selected and the PCF2119x attempts to
perform the first write as an 8-bit operation. Since nothing is connected to ports
DB0 to DB3, a rewrite is then required. However, since one operation is completed in two
accesses of 4-bit operation, a rewrite is required to set the functions (see Table 38 step 3).
Thus, DB4 to DB7 of the Function_set are written twice.
16.10 8-bit operation, 1-line display using external reset
Table 39 and Table 40 show an example of a 1-line display in 8-bit operation. The
PCF2119x functions must be set by the Function_set instruction prior to display. Since the
DDRAM can store data for 80 characters, the RAM can be used for advertising displays
when combined with display shift operation. Since the display shift operation changes
display position only and the DDRAM contents remain unchanged, display data entered
first can be displayed when the Return_home operation is performed.
Table 38.
4-bit operation, 1-line display example; using external reset (character set ‘A’)
Step
Instruction
Display
Operation
RS
R/W DB7 DB6 DB5 DB4
1
power supply on
initialized by the external reset; no display appears
2
Function_set
sets to 4-bit operation; in this instance operation is handled as
8-bit by initialization and only this instruction completes with
one write
000010
3
Function_set
sets to 4-bit operation, selects 1-line display and VLCD =V0;
4-bit operation starts from this point and resetting is needed
000010
000000
4
Display_ctl
turns display and cursor on; entire display is blank after
initialization
000000
001110
5
Entry_mode_set
sets mode to increment the address by 1 and to shift the cursor
to the right at the time of write to the DDRAM or CGRAM;
display is not shifted
000000
000110
6
Write_data to CGRAM/DDRAM
writes ‘P’; the DDRAM has already been selected by
initialization at power-on; the cursor is incremented by 1 and
shifted to the right
100101
P
100000
Table 39.
8-bit operation, 1-line display example; using external reset (character set ‘A’)
Step
Instruction
Display
Operation
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
power supply on
initialized by the external reset; no
display appears
2
Function_set
sets to 8-bit operation, selects 1-line
display and VLCD =V0
0000110000
3
Display_ctl
turns on display and cursor; entire
display is blank after initialization
0000001110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com