Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119FU/2/F2 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF2119FU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 60Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 61Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 62Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 63Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 64Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 65Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 66Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 67Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
64 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
16.13 Initialization
[1]
X = don’t care.
Table 43.
Initialization by instruction, 8-bit interface ([1])
Step
Instruction
Description
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
power-on or unknown state
2
wait 2 ms
after internal reset has been applied
3
Function_set
interface is 8 bits long; BF cannot be checked before
this instruction
000011X
X
X
X
4
wait 2 ms
5
Function_set
interface is 8 bits long; BF cannot be checked before
this instruction
000011X
X
X
X
6
wait more than 40
µs
7
Function_set
interface is 8 bits long; BF cannot be checked before
this instruction
000011X
X
X
X
BF can be checked after the following instructions; when BF is not checked, the waiting time between instructions is the
specified instruction time (see Table 11)
8
Function_set (interface is 8 bits long)
specify number of display lines
0000110M
0H
9
Display_ctl
display off
0000001000
10
Clear_display
0000000001
11
Entry_mode_set
00000001I_D
S
12
initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com